PART |
Description |
Maker |
AS7C4096A-12TCN AS7C4096A-15JI |
IC,AS7C4096A-12TCN,TSOP-44 II, SRAM,12NS,512K X 8,5V 512K X 8 STANDARD SRAM, 12 ns, PDSO44 512K X 8 STANDARD SRAM, 15 ns, PDSO36
|
Alliance Memory, Inc. ALLIANCE MEMORY INC
|
AS7C4096 AS7C34096-15JC AS7C34096-10JC AS7C34096-1 |
5V/3.3V 512K X8 CMOS SRAM 512K X 8 STANDARD SRAM, 12 ns, PDSO36 High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Reset 16-TSSOP -55 to 125 512K X 8 STANDARD SRAM, 20 ns, PDSO44 High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Reset 16-TSSOP -55 to 125 512K X 8 STANDARD SRAM, 20 ns, PDSO36 Dual 4-Input Positive-AND Gate 14-TVSOP -40 to 85 512K X 8 STANDARD SRAM, 12 ns, PDSO44 Dual 4-Input Positive-AND Gate 14-SOIC -40 to 85 512K X 8 STANDARD SRAM, 12 ns, PDSO36 TV 12C 8#20 4#16 SKT PLUG 512K X 8 STANDARD SRAM, 10 ns, PDSO36 Dual 4-Input Positive-AND Gate 14-TSSOP -40 to 85 512K X 8 STANDARD SRAM, 20 ns, PDSO44 DUAL MONOSTABLE MULTIVIBRATORS 16-SOIC -40 to 85 512K X 8 STANDARD SRAM, 20 ns, PDSO44 Dual 4-Input Positive-AND Gate 14-SO -40 to 85 512K X 8 STANDARD SRAM, 15 ns, PDSO36 Dual 4-Input Positive-AND Gate 14-TSSOP -40 to 85 512K X 8 STANDARD SRAM, 15 ns, PDSO44 TV 26C 26#20 PIN WALL RECP 512K X 8 STANDARD SRAM, 10 ns, PDSO44 TV 5C 5#16 PIN WALL RECP SRAM - 5V Fast Asynchronous
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
CY7C1380C-200AC CY7C1380C-200BGC CY7C1380C-167AC C |
Memory : Sync SRAMs PUSHBUTTON, METAL, FLAT, 22MM 5A; Switch function type:NC/NO Mom; Voltage, contact AC max:250V; Temp, op. max:55(degree C); Temp, op. min:-20(degree C); Diameter, panel cut-out:22.2mm; Length / Height, external:32mm; Dielectric RoHS Compliant: Yes 18-Mb (512K x 36/1M x 18) Pipelined SRAM 1M X 18 CACHE SRAM, 2.8 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 1M X 18 CACHE SRAM, 2.6 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 2.8 ns, PBGA165 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 3 ns, PQFP100 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 2.8 ns, PQFP100 18-Mb (512K x 36/1M x 18) Pipelined SRAM 512K X 36 CACHE SRAM, 3.4 ns, PQFP100
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
AS7C25512PFD32_36A AS7C25512PFD32A AS7C25512PFD32A |
2.5V 512K x 32/36 pipelined burst synchronous SRAM 512K X 32 STANDARD SRAM, 3.8 ns, PQFP100 2.5V 512K x 32/36 pipelined burst synchronous SRAM 2.5V的为512k × 32/36管线爆裂同步SRAM 2.5V 512K x 32/36 pipelined burst synchronous SRAM 512K X 32 STANDARD SRAM, 3.5 ns, PQFP100 Sync SRAM - 2.5V
|
Alliance Semiconductor, Corp. Alliance Semiconductor Corporation ALSC Alliance Semiconductor Corp...
|
CY62148CV33LL-70BVI CY62148CV25 CY62148CV25LL-55BA |
512K X 8 STANDARD SRAM, 55 ns, PBGA36 512K x 8 MoBL Static RAM 512K X 8 STANDARD SRAM, 70 ns, PBGA36
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
CY7C1383C-117BGC CY7C1383C-100AC CY7C1383C-100BZI |
18-Mb (512K x 36/1M x 18) Flow-Through SRAM 1M X 18 STANDARD SRAM, 8.5 ns, PQFP100 18-Mb (512K x 36/1M x 18) Flow-Through SRAM 1M X 18 STANDARD SRAM, 8.5 ns, PBGA165
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
32C408BRPFI-30 32C408BRPFS-30 32C408BRPFS-25 32C40 |
4 Megabit (512K x 8-Bit) SRAM 512K X 8 STANDARD SRAM, 30 ns, DFP36
|
Maxwell Technologies, Inc
|
K7P163666A-HC25 K7P163666A-HC33 K7P161866A-HC25 K7 |
1M X 18 STANDARD SRAM, 1.6 ns, PBGA119 512Kx36 AND 1Mx18 Synchronous Pipelined SRAM 512Kx361Mx18同步流水线的SRAM 512K X 36 STANDARD SRAM, 1.5 ns, PBGA119
|
SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
CY7C1049BNV33-12VI CY7C1049BNV33-12VXC CY7C1049BNV |
512K x 8 Static RAM 512K X 8 STANDARD SRAM, 12 ns, PDSO36 512K x 8 Static RAM 512K X 8 STANDARD SRAM, 12 ns, PDSO44 512K x 8 Static RAM 512K X 8 STANDARD SRAM, 15 ns, PDSO36 512K x 8 Static RAM 512K X 8 STANDARD SRAM, 20 ns, PDSO36
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
|